| データシートサーチシステム |
|
SN74LVC863APWR データシート(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC863APWR データシート(HTML) 2 Page - Texas Instruments |
|
2 / 19 page ![]() www.ti.com DESCRIPTION/ORDERING INFORMATION (CONTINUED) A1 B1 OEBA2 OEAB2 To Eight Other Channels OEAB1 OEBA1 1 11 13 14 2 23 SN74LVC863A 9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS SCAS310J – MARCH 1993 – REVISED MARCH 2005 To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. FUNCTION TABLE INPUTS OPERATION OEAB1 OEAB2 OEBA1 OEBA2 L L L L Latch A and B L L H X A to B L L X H H X L L B to A X H L L H X H X H X X H Isolation X H X H X H H X LOGIC DIAGRAM (POSITIVE LOGIC) 2 |