データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F207VCH6 データシート(PDF) 44 Page - STMicroelectronics

部品番号 STM32F207VCH6
部品情報  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207VCH6 データシート(HTML) 44 Page - STMicroelectronics

Back Button STM32F207VCH6 Datasheet HTML 40Page - STMicroelectronics STM32F207VCH6 Datasheet HTML 41Page - STMicroelectronics STM32F207VCH6 Datasheet HTML 42Page - STMicroelectronics STM32F207VCH6 Datasheet HTML 43Page - STMicroelectronics STM32F207VCH6 Datasheet HTML 44Page - STMicroelectronics STM32F207VCH6 Datasheet HTML 45Page - STMicroelectronics STM32F207VCH6 Datasheet HTML 46Page - STMicroelectronics STM32F207VCH6 Datasheet HTML 47Page - STMicroelectronics STM32F207VCH6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 184 page
background image
Pinouts and pin description
STM32F20xxx
44/184
DocID15818 Rev 15
Figure 13. STM32F20x LQFP144 pinout
1. RFU means “reserved for future use”. This pin can be tied to VDD,VSS or left unconnected.
2. The above figure shows the package top view.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More