データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F207VCT7 データシート(PDF) 76 Page - STMicroelectronics

部品番号 STM32F207VCT7
部品情報  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207VCT7 データシート(HTML) 76 Page - STMicroelectronics

Back Button STM32F207VCT7 Datasheet HTML 72Page - STMicroelectronics STM32F207VCT7 Datasheet HTML 73Page - STMicroelectronics STM32F207VCT7 Datasheet HTML 74Page - STMicroelectronics STM32F207VCT7 Datasheet HTML 75Page - STMicroelectronics STM32F207VCT7 Datasheet HTML 76Page - STMicroelectronics STM32F207VCT7 Datasheet HTML 77Page - STMicroelectronics STM32F207VCT7 Datasheet HTML 78Page - STMicroelectronics STM32F207VCT7 Datasheet HTML 79Page - STMicroelectronics STM32F207VCT7 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 184 page
background image
Electrical characteristics
STM32F20xxx
76/184
DocID15818 Rev 15
6.3.3
Operating conditions at power-up / power-down (regulator ON)
Subject to general operating conditions for TA.
Table 17. Operating conditions at power-up / power-down (regulator ON)
6.3.4
Operating conditions at power-up / power-down (regulator OFF)
Subject to general operating conditions for TA.
Table 18. Operating conditions at power-up / power-down (regulator OFF)
Symbol
Parameter
Min
Max
Unit
tVDD
VDD rise time rate
20
∞
µs/V
VDD fall time rate
20
∞
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise time rate
Power-up
20
∞
µs/V
VDD fall time rate
Power-down
20
∞
tVCAP
VCAP_1 and VCAP_2 rise
time rate
Power-up
20
∞
VCAP_1 and VCAP_2 fall
time rate
Power-down
20
∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More