データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X24C01PI-3 データシート(PDF) 6 Page - IC MICROSYSTEMS

部品番号 X24C01PI-3
部品情報  Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICMIC [IC MICROSYSTEMS]
ホームページ  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C01PI-3 データシート(HTML) 6 Page - IC MICROSYSTEMS

Back Button X24C01PI-3 Datasheet HTML 2Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 3Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 4Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 5Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 6Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 7Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 8Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 9Page - IC MICROSYSTEMS X24C01PI-3 Datasheet HTML 10Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
X24C01
Figure 6. ACK Polling Sequence
Acknowledge Polling
The disabling of the inputs can be used to take advantage
of the typical 5 ms write cycle time. Once the stop
condition is issued to indicate the end of the host’s write
operation the X24C01 initiates the internal write cycle.
ACK polling can be initiated immediately. This involves
issuing the start condition followed by the word address
for a write operation. If the X24C01 is still busy with the
write operation no ACK will be returned. If the X24C01
has completed the write operation an ACK will be
returned and the controller can then proceed with the
next read or write operation.
READ OPERATIONS
Read operations are initiated in the same manner as
write operations with exception that the R/W bit of the
word address is set to a one. There are two basic read
operations: byte read and sequential read.
It should be noted that the ninth clock cycle of the read
operation is not a “don’t care.” To terminate a read
operation, the master must either issue a stop condition
during the ninth cycle or hold SDA HIGH during the ninth
clock cycle and then issue a stop condition.
Byte Read
To initiate a read operation, the master sends a start
condition followed by a seven bit word address and a
read bit. The X24C01 responds with an acknowledge and
then transmits the eight bits of data. The read
operation is terminated by the master; by not responding
with an acknowledge and by issuing a stop condition.
Refer to Figure 7 for the start, word address, read bit,
acknowledge and data transfer sequence.
WRITE OPERATION
COMPLETED
ENTER ACK POLLING
ISSUE
START
ISSUE SLAVE
ADDRESS AND R/W = 0
ACK
RETURNED?
NEXT
OPERATION
A WRITE?
PROCEED
ISSUE STOP
NO
YES
YES
PROCEED
ISSUE STOP
NO
3837 FHD F11
Figure 7. Byte Read
3837 FHD F12
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24C01
S
T
A
R
T
WORD
ADDRESS n
S
T
O
P
P
A
C
K
DATA n
R
/
W
L
S
B
S
M
S
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com