データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F429NEY6XXX データシート(PDF) 70 Page - STMicroelectronics

部品番号 STM32F429NEY6XXX
部品情報  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NEY6XXX データシート(HTML) 70 Page - STMicroelectronics

Back Button STM32F429NEY6XXX Datasheet HTML 66Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 67Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 68Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 69Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 70Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 71Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 72Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 73Page - STMicroelectronics STM32F429NEY6XXX Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 231 page
background image
Pinouts and pin description
STM32F427xx STM32F429xx
70/231
DocID024030 Rev 6
Table 11. FMC pin definition
Pin name
CF
NOR/PSRAM/
SRAM
NOR/PSRAM
Mux
NAND16
SDRAM
PF0
A0
A0
A0
PF1
A1
A1
A1
PF2
A2
A2
A2
PF3
A3
A3
A3
PF4
A4
A4
A4
PF5
A5
A5
A5
PF12
A6
A6
A6
PF13
A7
A7
A7
PF14
A8
A8
A8
PF15
A9
A9
A9
PG0
A10
A10
A10
PG1
A11
A11
PG2
A12
A12
PG3
A13
PG4
A14
BA0
PG5
A15
BA1
PD11
A16
A16
CLE
PD12
A17
A17
ALE
PD13
A18
A18
PE3
A19
A19
PE4
A20
A20
PE5
A21
A21
PE6
A22
A22
PE2
A23
A23
PG13
A24
A24
PG14
A25
A25
PD14
D0
D0
DA0
D0
D0
PD15
D1
D1
DA1
D1
D1
PD0D2
D2DA2
D2
D2
PD1D3
D3DA3
D3
D3
PE7
D4
D4
DA4
D4
D4
PE8
D5
D5
DA5
D5
D5
PE9
D6
D6
DA6
D6
D6
PE10
D7
D7
DA7
D7
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More