| データシートサーチシステム |
|
STM32F429NET6TR データシート(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F429NET6TR データシート(HTML) 66 Page - STMicroelectronics |
|
66 / 231 page ![]() Pinouts and pin description STM32F427xx STM32F429xx 66/231 DocID024030 Rev 6 - 125 C7 B10 153 C6 179 C8 PG10 I/O FT LCD_G3, FMC_NCE4_1/FMC_N E3, DCMI_D2, LCD_B2, EVENTOUT - 126 B7 B9 154 B6 180 B8 PG11 I/O FT ETH_MII_TX_EN/ETH_ RMII_TX_EN, FMC_NCE4_2, DCMI_D3, LCD_B3, EVENTOUT - 127 A7 B8 155 A6 181 C7 PG12 I/O FT SPI6_MISO, USART6_RTS, LCD_B4, FMC_NE4, LCD_B1, EVENTOUT -128 NC (2) A8 156 D6 182 B3 PG13 I/O FT SPI6_SCK, USART6_CTS, ETH_MII_TXD0/ETH_R MII_TXD0, FMC_A24, EVENTOUT -129 NC (2) A7 157 F6 183 A4 PG14 I/O FT SPI6_MOSI, USART6_TX, ETH_MII_TXD1/ETH_R MII_TXD1, FMC_A25, EVENTOUT - 130 D7 D7 158 - 184 F7 VSS S - 131 L6 C7 159 E6 185 E8 VDD S - - - - - - 186 D8 PK3 I/O FT LCD_B4, EVENTOUT - - - - - - 187 D7 PK4 I/O FT LCD_B5, EVENTOUT - - - - - - 188 C6 PK5 I/O FT LCD_B6, EVENTOUT - - - - - - 189 C5 PK6 I/O FT LCD_B7, EVENTOUT - - - - - - 190 C4 PK7 I/O FT LCD_DE, EVENTOUT - 132 C6 B7 160 A7 191 B7 PG15 I/O FT USART6_CTS, FMC_SDNCAS, DCMI_D13, EVENTOUT Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |