データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F427IIH6TR データシート(PDF) 83 Page - STMicroelectronics

部品番号 STM32F427IIH6TR
部品情報  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IIH6TR データシート(HTML) 83 Page - STMicroelectronics

Back Button STM32F427IIH6TR Datasheet HTML 79Page - STMicroelectronics STM32F427IIH6TR Datasheet HTML 80Page - STMicroelectronics STM32F427IIH6TR Datasheet HTML 81Page - STMicroelectronics STM32F427IIH6TR Datasheet HTML 82Page - STMicroelectronics STM32F427IIH6TR Datasheet HTML 83Page - STMicroelectronics STM32F427IIH6TR Datasheet HTML 84Page - STMicroelectronics STM32F427IIH6TR Datasheet HTML 85Page - STMicroelectronics STM32F427IIH6TR Datasheet HTML 86Page - STMicroelectronics STM32F427IIH6TR Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 231 page
background image
Port J
PJ8
-
-
-
-
-
-
-
-
-
-
-
-
-
-
LCD_G1
EVEN
TOUT
PJ9
-
-
-
-
-
-
-
-
-
-
-
-
-
-
LCD_G2
EVEN
TOUT
PJ10
-
-
-
-
-
-
-
-
-
-
-
-
-
-
LCD_G3
EVEN
TOUT
PJ11
-
-
-
-
-
-
-
-
-
-
-
-
-
-
LCD_G4
EVEN
TOUT
PJ12
-
-
-
-
-
-
-
-
-
-
-
-
-
-
LCD_B0
EVEN
TOUT
PJ13
-
-
-
-
-
-
-
-
-
-
-
-
-
-
LCD_B1
EVEN
TOUT
PJ14
-
-
-
-
-
-
-
-
-
-
-
-
-
-
LCD_B2
EVEN
TOUT
PJ15
-
-
-
-
-
-
-
-
-
-
-
-
-
-
LCD_B3
EVEN
TOUT
Port K
PK0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
LCD_G5
EVEN
TOUT
PK1
-
-
-
-
-
-
-
-
-
-
-
-
-
-
LCD_G6
EVEN
TOUT
PK2
-
-
-
-
-
-
-
-
-
-
-
-
-
-
LCD_G7
EVEN
TOUT
PK3
-
-
-
-
-
-
-
-
-
-
-
-
-
-
LCD_B4
EVEN
TOUT
PK4
-
-
-
-
-
-
-
-
-
-
-
-
-
-
LCD_B5
EVEN
TOUT
PK5
-
-
-
-
-
-
-
-
-
-
-
-
-
-
LCD_B6
EVEN
TOUT
PK6
-
-
-
-
-
-
-
-
-
-
-
-
-
-
LCD_B7
EVEN
TOUT
PK7
-
-
-
-
-
-
-
-
-
-
-
-
-
-
LCD_DE
EVEN
TOUT
1. The DCMI_VSYNC alternate function on PG9 is only available on silicon revision 3.
Table 12. STM32F427xx and STM32F429xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/
10/11
I2C1/
2/3
SPI1/2/
3/4/5/6
SPI2/3/
SAI1
SPI3/
USART1/
2/3
USART6/
UART4/5/7
/8
CAN1/2/
TIM12/13/14
/LCD
OTG2_HS
/OTG1_
FS
ETH
FMC/SDIO
/OTG2_FS
DCMI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More