データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F427NET7TR データシート(PDF) 64 Page - STMicroelectronics

部品番号 STM32F427NET7TR
部品情報  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427NET7TR データシート(HTML) 64 Page - STMicroelectronics

Back Button STM32F427NET7TR Datasheet HTML 60Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 61Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 62Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 63Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 64Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 65Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 66Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 67Page - STMicroelectronics STM32F427NET7TR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 231 page
background image
Pinouts and pin description
STM32F427xx STM32F429xx
64/231
DocID024030 Rev 6
-
-
C11 D14 132
-
155 D14
PI1
I/O FT
SPI2_SCK/I2S2_CK(7),
FMC_D25, DCMI_D8,
LCD_G6, EVENTOUT
-
-
B12 C14 133
-
156 C14
PI2
I/O FT
TIM8_CH4,
SPI2_MISO,
I2S2ext_SD, FMC_D26,
DCMI_D9, LCD_G7,
EVENTOUT
-
-
A12 C13 134
-
157 C13
PI3
I/O FT
TIM8_ETR,
SPI2_MOSI/I2S2_SD,
FMC_D27, DCMI_D10,
EVENTOUT
--
D11
D9
135
F5
-
F9
VSS
S
-
-
D3
C9
136 A1 158 E10
VDD
S
76
109 A11
A14 137 B1 159 A14
PA14
(JTCK-
SWCLK)
I/O FT
JTCK-SWCLK/
EVENTOUT
77
110 B11
A13 138 C2 160 A13
PA15
(JTDI)
I/O FT
JTDI,
TIM2_CH1/TIM2_ETR,
SPI1_NSS,
SPI3_NSS/I2S3_WS,
EVENTOUT
78
111 C10 B14 139 A2 161 B14
PC10
I/O FT
SPI3_SCK/I2S3_CK,
USART3_TX,
UART4_TX, SDIO_D2,
DCMI_D8, LCD_R2,
EVENTOUT
79
112 B10 B13 140 B2 162 B13
PC11
I/O FT
I2S3ext_SD,
SPI3_MISO,
USART3_RX,
UART4_RX, SDIO_D3,
DCMI_D4, EVENTOUT
80
113 A10 A12 141 C3 163 A12
PC12
I/O FT
SPI3_MOSI/I2S3_SD,
USART3_CK,
UART5_TX, SDIO_CK,
DCMI_D9, EVENTOUT
81
114
D9
B12 142 B3 164 B12
PD0
I/O FT
CAN1_RX, FMC_D2,
EVENTOUT
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More