データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F429NET6 データシート(PDF) 78 Page - STMicroelectronics

部品番号 STM32F429NET6
部品情報  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NET6 データシート(HTML) 78 Page - STMicroelectronics

Back Button STM32F429NET6 Datasheet HTML 74Page - STMicroelectronics STM32F429NET6 Datasheet HTML 75Page - STMicroelectronics STM32F429NET6 Datasheet HTML 76Page - STMicroelectronics STM32F429NET6 Datasheet HTML 77Page - STMicroelectronics STM32F429NET6 Datasheet HTML 78Page - STMicroelectronics STM32F429NET6 Datasheet HTML 79Page - STMicroelectronics STM32F429NET6 Datasheet HTML 80Page - STMicroelectronics STM32F429NET6 Datasheet HTML 81Page - STMicroelectronics STM32F429NET6 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 231 page
background image
Port E
PE7
-
TIM1_
ETR
-
-
-
-
-
-
UART7_Rx
-
-
-
FMC_D4
-
-
EVEN
TOUT
PE8
-
TIM1_
CH1N
-
-
-
-
-
-
UART7_Tx
-
-
-
FMC_D5
-
-
EVEN
TOUT
PE9
-
TIM1_
CH1
-
-
-
-
-
-
-
-
-
-
FMC_D6
-
-
EVEN
TOUT
PE10
-
TIM1_
CH2N
-
-
-
-
-
-
-
-
-
-
FMC_D7
-
-
EVEN
TOUT
PE11
-
TIM1_
CH2
--
-
SPI4_
NSS
-
-
-
-
-
-
FMC_D8
-
LCD_G3
EVEN
TOUT
PE12
-
TIM1_
CH3N
--
-
SPI4_
SCK
-
-
-
-
-
-
FMC_D9
-
LCD_B4
EVEN
TOUT
PE13
-
TIM1_
CH3
--
-
SPI4_
MISO
-
-
-
-
-
-
FMC_D10
-
LCD_DE
EVEN
TOUT
PE14
-
TIM1_
CH4
--
-
SPI4_
MOSI
-
-
-
-
-
-
FMC_D11
-
LCD_
CLK
EVEN
TOUT
PE15
-
TIM1_
BKIN
-
-
-
-
-
-
-
-
-
FMC_D12
-
LCD_R7
EVEN
TOUT
Port F
PF0
-
-
-
-
I2C2_
SDA
--
-
-
-
-
-
FMC_A0
-
-
EVEN
TOUT
PF1
-
I2C2_
SCL
--
-
-
-
-
-
FMC_A1
-
-
EVEN
TOUT
PF2
-
-
-
-
I2C2_
SMBA
--
-
-
-
-
-
FMC_A2
-
-
EVEN
TOUT
PF3
-
-
-
-
-
-
-
-
-
-
-
FMC_A3
-
-
EVEN
TOUT
PF4
-
-
-
-
-
-
-
-
-
-
-
FMC_A4
-
-
EVEN
TOUT
PF5
-
-
-
-
-
-
-
-
-
-
-
FMC_A5
-
-
EVEN
TOUT
PF6
-
-
-
TIM10_
CH1
-
SPI5_
NSS
SAI1_
SD_B
-
UART7_Rx
-
-
-
FMC_
NIORD
--
EVEN
TOUT
PF7
-
-
-
TIM11_
CH1
-
SPI5_
SCK
SAI1_
MCLK_B
-UART7_Tx
-
-
-
FMC_
NREG
--
EVEN
TOUT
Table 12. STM32F427xx and STM32F429xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/
10/11
I2C1/
2/3
SPI1/2/
3/4/5/6
SPI2/3/
SAI1
SPI3/
USART1/
2/3
USART6/
UART4/5/7
/8
CAN1/2/
TIM12/13/14
/LCD
OTG2_HS
/OTG1_
FS
ETH
FMC/SDIO
/OTG2_FS
DCMI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More