データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F429NET7 データシート(PDF) 58 Page - STMicroelectronics

部品番号 STM32F429NET7
部品情報  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NET7 データシート(HTML) 58 Page - STMicroelectronics

Back Button STM32F429NET7 Datasheet HTML 54Page - STMicroelectronics STM32F429NET7 Datasheet HTML 55Page - STMicroelectronics STM32F429NET7 Datasheet HTML 56Page - STMicroelectronics STM32F429NET7 Datasheet HTML 57Page - STMicroelectronics STM32F429NET7 Datasheet HTML 58Page - STMicroelectronics STM32F429NET7 Datasheet HTML 59Page - STMicroelectronics STM32F429NET7 Datasheet HTML 60Page - STMicroelectronics STM32F429NET7 Datasheet HTML 61Page - STMicroelectronics STM32F429NET7 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 231 page
background image
Pinouts and pin description
STM32F427xx STM32F429xx
58/231
DocID024030 Rev 6
38
58
N7
R8
68
L5
79
R8
PE7
I/O FT
TIM1_ETR, UART7_Rx,
FMC_D4, EVENTOUT
39
59
J8
P8
69
M5
80
N9
PE8
I/O FT
TIM1_CH1N,
UART7_Tx, FMC_D5,
EVENTOUT
40
60
K8
P9
70
N5
81
P9
PE9
I/O FT
TIM1_CH1, FMC_D6,
EVENTOUT
-61
J6
M9
71
H3
82
K8
VSS
S
-
62
G10
N9
72
J5
83
L9
VDD
S
41
63
L8
R9
73
J4
84
R9
PE10
I/O FT
TIM1_CH2N, FMC_D7,
EVENTOUT
42
64
M8
P10
74
K4
85
P10
PE11
I/O FT
TIM1_CH2, SPI4_NSS,
FMC_D8, LCD_G3,
EVENTOUT
43
65
N8
R10
75
L4
86
R10
PE12
I/O FT
TIM1_CH3N,
SPI4_SCK, FMC_D9,
LCD_B4, EVENTOUT
44
66
H9
N11
76
N4
87
R12
PE13
I/O FT
TIM1_CH3,
SPI4_MISO, FMC_D10,
LCD_DE, EVENTOUT
45
67
J9
P11
77
M4
88
P11
PE14
I/O FT
TIM1_CH4,
SPI4_MOSI, FMC_D11,
LCD_CLK, EVENTOUT
46
68
K9
R11
78
L3
89
R11
PE15
I/O FT
TIM1_BKIN, FMC_D12,
LCD_R7, EVENTOUT
47
69
L9
R12
79
M3
90
P12
PB10
I/O FT
TIM2_CH3, I2C2_SCL,
SPI2_SCK/I2S2_CK,
USART3_TX,
OTG_HS_ULPI_D3,
ETH_MII_RX_ER,
LCD_G4, EVENTOUT
48
70
M9
R13
80
N3
91
R13
PB11
I/O FT
TIM2_CH4, I2C2_SDA,
USART3_RX,
OTG_HS_ULPI_D4,
ETH_MII_TX_EN/ETH_
RMII_TX_EN, LCD_G5,
EVENTOUT
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More