| データシートサーチシステム |
|
QMS6ST データシート(PDF) 2 Page - Qualwave Inc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
QMS6ST データシート(HTML) 2 Page - Qualwave Inc. All rights reserved. |
|
2 / 2 page ![]() Coaxial Switches Qualwave Inc. +86-28-6115-4929 sales@qualwave.com www.qualwave.com Rev 1.8 2 Pin Numbering Normally Open Pin Function Pin Function 1~6 V1~V6 14 Indicator (Com) 7 COM 15 NC 8~13 Indicator (1~6) Normally Open & TTL Pin Function Pin Function 1~6 A1~A6 9~14 Indicator (1~6) 7 VDC 15 Indicator (Com) 8 COM Latching Pin Function Pin Function 1~6 V1~V6 15 Indicator (Com) 7 V (RESET) 16 VDC 8 COM 17~26 NC 9~14 Indicator (1~6) Latching switch should power on pin 7 to reset before excitation. Latching & TTL Pin Function Pin Function 1~6 A1~A6 10~15 Indicator (1~6) 7 TTL (RESET) 16 Indicator (Com) 8 VDC 17~26 NC 9 COM Driving Schematic Diagram |