データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F1507-E/SS. データシート(PDF) 7 Page - Microchip Technology

部品番号 PIC16F1507-E/SS.
部品情報  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. データシート(HTML) 7 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 3Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 4Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 5Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 6Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 7Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 8Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 9Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 10Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 278 page
background image
 2011-2015 Microchip Technology Inc.
DS40001586D-page 7
PIC16(L)F1507
1.0
DEVICE OVERVIEW
The block diagram of these devices are shown in
Figure 1-1, the available peripherals are shown in
Table 1-1, and the pinout descriptions are shown in
Table 1-2.
TABLE 1-1:
DEVICE PERIPHERAL SUMMARY
Peripheral
Analog-to-Digital Converter (ADC)
●
●●
●
●
Complementary Wave Generator (CWG)
●
●●
●
●
Digital-to-Analog Converter (DAC)
●
●
●
●
Enhanced Universal
Synchronous/Asynchronous Receiver/
Transmitter (EUSART)
●
●
Fixed Voltage Reference (FVR)
●
●●
●
●
Numerically Controlled Oscillator (NCO)
●
●●
●
●
Temperature Indicator
●
●●
●
●
Comparators
C1
●
●
●
●
C2
●
●
●
Configurable Logic Cell (CLC)
CLC1
●
●●
●
●
CLC2
●
●●
●
●
CLC3
●
●
CLC4
●
●
Master Synchronous Serial Ports
MSSP1
●
●
●
PWM Modules
PWM1
●
●●
●
●
PWM2
●
●●
●
●
PWM3
●
●●
●
●
PWM4
●
●●
●
●
Timers
Timer0
●
●●
●
●
Timer1
●
●●
●
●
Timer2
●
●●
●
●