データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16LF1503-I/SL. データシート(PDF) 91 Page - Microchip Technology

部品番号 PIC16LF1503-I/SL.
部品情報  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1503-I/SL. データシート(HTML) 91 Page - Microchip Technology

Back Button PIC16LF1503-I/SL. Datasheet HTML 87Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 88Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 89Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 90Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 91Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 92Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 93Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 94Page - Microchip Technology PIC16LF1503-I/SL. Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 352 page
background image
 2011-2015 Microchip Technology Inc.
DS40001607D-page 91
PIC16(L)F1503
10.5
Write Verify
It is considered good programming practice to verify that
program memory writes agree with the intended value.
Since program memory is stored as a full page then the
stored program memory contents are compared with the
intended data stored in RAM after the last write is
complete.
FIGURE 10-8:
FLASH PROGRAM
MEMORY VERIFY
FLOWCHART
Start
Verify Operation
This routine assumes that the last
row of data written was from an
image saved on RAM. This image
will be used to verify the data
currently stored in Flash Program
Memory
Fail
Verify Operation
Last word ?
PMDAT =
RAM image ?
Read Operation
(See Note 1)
End
Verify Operation
No
No
Yes
Yes
Rev. 10-000051A
7/30/2013
Note 1:
See Figure 10-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More