データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC24FJ256GA705-I/M4. データシート(PDF) 7 Page - Microchip Technology

部品番号 PIC24FJ256GA705-I/M4.
部品情報  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. データシート(HTML) 7 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 3Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 4Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 5Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 6Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 7Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 8Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 9Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 10Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 412 page
background image
 2016 Microchip Technology Inc.
DS30010118B-page 7
PIC24FJ256GA705 FAMILY
Pin Diagrams (PIC24FJ256GA705 Devices)
Legend:
See Table 4 for a complete description of pin functions. Pinouts are subject to change.
Note:
Gray shading indicates 5.5V tolerant input pins.
48-Pin UQFN
48 47 46 45
43 42 41 40 39 38
13 14 15 16 17 18 19
21 22 23
3
33
31
30
29
28
27
26
25
4
5
7
9
10
11
12
1
2
35
34
6
24
36
37
VDD
VSS
RA8
RB4
RB13
RB12
RB11
RB10
VCAP
VSS
RC9
RC8
RC7
RC6
PIC24FJ256GA705
8
RA11
20
32
RA13
44
RC1
RB9
RC2
RA3
RA2
RC0
RB3
RB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More