| データシートサーチシステム |
|
TLC5904PZP データシート(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC5904PZP データシート(HTML) 28 Page - Texas Instruments |
|
28 / 29 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 23-May-2025 TRAY L - Outer tray length without tabs KO - Outer tray height W - Outer tray width P1 - Tray unit pocket pitch CW - Measurement for tray edge (Y direction) to corner pocket center CL - Measurement for tray edge (X direction) to corner pocket center Text Chamfer on Tray corner indicates Pin 1 orientation of packed units. *All dimensions are nominal Device Package Name Package Type Pins SPQ Unit array matrix Max temperature (°C) L (mm) W (mm) K0 (µm) P1 (mm) CL (mm) CW (mm) TLC5904PZP PZP HTQFP 100 90 6 X 15 150 315 135.9 7620 20.3 15.4 15.45 TLC5904PZP.A PZP HTQFP 100 90 6 X 15 150 315 135.9 7620 20.3 15.4 15.45 Pack Materials-Page 1 |