| データシートサーチシステム |
|
TPS2145IPWPR データシート(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS2145IPWPR データシート(HTML) 11 Page - Texas Instruments |
|
11 / 34 page ![]() TPS2145, TPS2147 TPS2155, TPS2157 SLVS333 − AUGUST 2001 11 www.ti.com PARAMETER MEASUREMENT INFORMATION toff tpd(off) ton tpd(on) 50% 50% 90% 90% 10% 10% tr tf 90% 90% 10% 10% VI(ENx) VO(OUTx) VO(OUTx) TIMING Figure 2. Timing and Internal Voltage Regulator Transition Waveforms TYPICAL CHARACTERISTICS Figure 3 VO(OUT) (2 V/div) VI = 5 V TA = 25°C CL = 1 µF RL = 25 Ω SWITCH TURNON DELAY AND RISE TIME WITH 1- µF LOAD 0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 3.6 4.2 t − Time − ms VI(EN) (5 V/div) Figure 4 SWITCH TURNOFF DELAY AND FALL TIME WITH 1- µF LOAD 0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 3.6 4.2 t − Time − ms VO(OUT) (2 V/div) VI = 5 V TA = 25°C CL = 1 µF RL = 25 Ω VI(EN) (5 V/div) |