データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IP113MLF-DS-R01 データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 IP113MLF-DS-R01
部品情報  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF-DS-R01 データシート(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IP113MLF-DS-R01 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
IP113M LF
Preliminary Data Sheet
8/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
1.
PIN Description
Type
Description
I
Input pin
O
Output pin
IPH
Input pin with internal pull-high resistor
IPL
Input pin with internal pull-low resistor
Pin no.
Label
Type
Description
Transceiver
5, 6
RXIP, RXIM
I
TP receive
8, 9
TXOP, TXOM
O
TP transmit
2
BGRES
O
Band gap resistor
It is connected to GND through a 6.19k (1%) resistor in
application circuit.
18
FXSD
I
100Base-FX signal detect
Fiber signal detect. It is an input signal from fiber MAU.
Fiber signal detect is active if the voltage on FXSD is
higher than the threshold voltage, which is 1.35v
±5%
when VCC is equal to 2.5v.
13, 14
FXRDP, FXRDM
I
Fiber receiver data pair
Common-mode voltage of FXRDP and FXRDM are
suggested to near 0.5x AVCC.
When voltage peak-to-peak>0.1V,FXRX could be
workable.
16, 17
FXTDP, FXTDM
O
Fiber transmitter data pair
FXTX with the external 100Ω resistor.
Common-mode voltage of FXTDP and FXTDM are
suggested to near 0.5x AVCC.
Swing of Voltage ≧ 0.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58