データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IP113MLF-DS-R02 データシート(PDF) 14 Page - List of Unclassifed Manufacturers

部品番号 IP113MLF-DS-R02
部品情報  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF-DS-R02 データシート(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button IP113MLF-DS-R02 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
IP113M LF
Preliminary Data Sheet
14/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
2.
Functional Description
2.1
Data forwarding
IP113M LF supports three types of data forwarding mode, store & forward mode, modified cut-through
mode and pure converter mode. It can forward a frame despite of its address and CRC error. IP113M LF
begins to forward the received data when it receives the frame completely. The latency depends on the
packet length.
2.1.1
Modified cut-through mode
IP113M LF begins to forward the received data when it receives the first 64 bytes of the frame. The
latency is about 512 bits time width. The maximum packet length is up to1600 bytes in this mode. Please
refer to pin description of FAST_FWD for configuration information.
2.1.2
Pure converter mode
IP113M LF operates with the minimum latency in this mode. The transmission flow does not wait until
entire frame is ready, but instead it forwards the received data immediately after the data being received.
Both transceivers are interconnected via internal MIIs and the internal switch engine and data buffer are
not used. Both TP port and fiber port of IP113M LF should work at 100M full duplex in this mode. If TP port
is linked at half duplex, the total length of UTP cable and fiber should be less than 60 meters to meet the
requirement of CSMACD in IEEE802.3. The packet length is not limited at this mode. Please refer to pin
description of DIRECT_WIRE for configuration information.
In converter mode, it is strongly recommended that both TP port and fiber port of IP113M LF should work
at 100M full duplex. If TP port is linked at half duplex, the UTP cable length should be less than 30 meters
to meet the requirement of CSMACD in IEEE802.3.
2.1.3
Fragment forwarding
IP113M LF forwards CRC error packets but it will filter fragments when it works in modified cut-through
mode. IP113M LF forwards fragments if user turns on bit 3 of MII register 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58