| データシートサーチシステム |
|
XC9237A2CDER データシート(PDF) 3 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC9237A2CDER データシート(HTML) 3 Page - Torex Semiconductor |
|
3 / 28 page ![]() 3/28 XC9235/XC9236/XC9237 Series PARAMETER SYMBOL RATINGS UNIT VIN Pin Voltage VIN - 0.3 ~ 6.5 V Lx Pin Voltage VLx - 0.3 ~ VIN + 0.3 or 6.5V V VOUT Pin Voltage VOUT - 0.3 ~ 6.5 V CE / MODE Pin Voltage VCE - 0.3 ~ 6.5 V Lx Pin Current ILx ±1500 mA SOT-25 250 Power Dissipation (*Ta=25℃) USP-6C Pd 100 mW Operating Temperature Range Topr - 40 ~ + 85 OC Storage Temperature Range Tstg - 55 ~ + 125 OC ■BLOCK DIAGRAM NOTE: The signal from CE/MODE Control Logic to PWM/PFM Selector is being fixed to "L" level inside, and XC9235 series chooses only PWM control. The signal from CE/MODE Control Logic to PWM/PFM Selector is being fixed to "H" level inside, and XC9236 series chooses only PWM/PFM automatic switching control. Diodes inside the circuit are ESD protection diodes and parasitic diodes. ■ABSOLUTE MAXIMUM RATINGS Ta=25℃ ●XC9235A / XC9236A / XC9237A ●XC9235B(C) / XC9236B(C) / XC9237B(C) |