データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IP101ALF-DS-R07 データシート(PDF) 11 Page - List of Unclassifed Manufacturers

部品番号 IP101ALF-DS-R07
部品情報  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF-DS-R07 データシート(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button IP101ALF-DS-R07 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP101ALF-DS-R07 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP101ALF-DS-R07 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP101ALF-DS-R07 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP101ALF-DS-R07 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP101ALF-DS-R07 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP101ALF-DS-R07 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP101ALF-DS-R07 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP101ALF-DS-R07 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
IP101A LF
Data Sheet
11/36
Oct 22, 2007
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12
Pin Descriptions (continued)
Pin no.
Label
Type
Description
Clock and Miscellaneous - Crystal Input/Output Pins
47
X2
O
25MHz Crystal Output:
Connects to crystal to provide the
25MHz output. It must be left open when X1 is driven with an
external 25MHz oscillator.
46
X1
I
25MHz Crystal Input:
Connects to crystal to provide the 25MHz
crystal input. If a 25MHz oscillator is used, connect X1 to the
oscillator’s output. If a 50MHz clock is applied to pin7, X1 should
be connected to VSS or 2.5v VDD. Please refer to the clock
source description.
Clock and Miscellaneous - Miscellaneous Pins
42
RESET_N
I
RESET_N:
Enable a low status signal will reset the chip. For a
complete reset function. 25MHz clock (x1) must be active for a
minimum of 10 clock cycles before the rising edge of RESET_N.
Chip will be able to operate after 2.5ms delay of the rising edge
of RESET_N. The 2.5ms extention is to ensure the stability of
system power.
48
INTR
O
(OD)
Interrupt Pin:
When the MII register 17:<15> is set to high, this
pin is used as an interrupt pin (Notice: this is an open drain
output, so an external pulled-up resistor is needed)
27
TEST_ON
(PD)
Test Enable:
Set this pin to high to enable test mode, while for
normal operation, this pin does not need to be connected. (An
internal weak pulled-down is used to disable test mode as a
default)
28
ISET
I
Transmit Bias Resistor Connection:
This pin should be
connected to GND via a 6.2KΩ (1%) resistor to define driving
current for transmit DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36