データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IP101ALF-DS-R08 データシート(PDF) 20 Page - List of Unclassifed Manufacturers

部品番号 IP101ALF-DS-R08
部品情報  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF-DS-R08 データシート(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button IP101ALF-DS-R08 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP101ALF-DS-R08 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP101ALF-DS-R08 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP101ALF-DS-R08 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP101ALF-DS-R08 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP101ALF-DS-R08 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP101ALF-DS-R08 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP101ALF-DS-R08 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP101ALF-DS-R08 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
IP101A LF
Data Sheet
20/36
Oct 22, 2007
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12
Register Descriptions (continued)
Bit
Name
Description/Usage
Default value
(h): 0E00
Register 17 : PHY Interrupt Ctrl/Status Register
15
INTR pin used
Set high to enable pin48 as an interrupt pin. Pin48 will be
high impedance if this bit is set low.
0, R/W
14:12 Reserved
0, RO
11
All Mask
When this bit is set high, changes in all events will not cause
an interrupt
1, R/W
10
Speed Mask
When this bit is set high, changes in speed mode will not
cause an interrupt
1, R/W
9
Duplex Mask
When this bit is set high, changes in duplex mode will not
cause an interrupt
1, R/W
8
Link Mask
When this bit is set high, changes in link status will not cause
an interrupt
1, R/W
7
Arbiter State
Enable
When this bit is set low, changes in Auto-Negotiation arbiter
state machine will not cause an interrupt
0, R/W
6
Arbiter State
Change
Flag to indicate Auto-Negotiation arbiter change interrupt
0, RC
5:3
Reserved
0, RO
2
Link Status
Change
Flag to indicate link status change interrupt
0, RC
1
Speed Change
Flag to indicate speed change interrupt
0, RC
0
Duplex Change
Flag to indicate duplex change interrupt
0, RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36