データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IP101ALF-DS-R09 データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 IP101ALF-DS-R09
部品情報  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF-DS-R09 データシート(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IP101ALF-DS-R09 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
IP101A LF
Data Sheet
8/36
Oct 22, 2007
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12
Pin Descriptions (continued)
Pin no.
Label
Type
Description
RMII (Reduced MII)
7
REF_CLK
I
Reference Clock:
This pin is an input pin operates as 50MHz
reference clock (REF_CLK) in RMII mode.
16
C50M_O
O
Reference Clock out:
This pin could be configured as 50MHz
clock output in RMII mode. With 25MHz crystal/oscillator, IP101A
LF could generate 50MHz output for RMII mode.
2
TX_EN
I
(PD)
Transmit Enable:
For MAC to indicate transmit operation
5,6
TXD[1:0]
I
Transmit two-bit Data
24
RX_ER
I/O
Receive Error
22
CRS_DV
O
Carrier Sense and Receive Data Valid
20, 21
RXD[1:0]
O
Received two-bit Data
SNI (Serial Network Interface): 10Mbps only
2
TX_EN
I
(PD)
Transmit Enable:
Indicate transmit operation to MAC
7
TX_CLK
O
Transmit Clock:
10MHz, clock generated by PHY
6
TXD0
I
Transmit Serial Data
16
RX_CLK
O
Receive Clock:
10MHz, clock recovery from received data
21
RXD0
O
Received Serial Data
1
COL
O
Collision Detect
23
CRS
O
Carrier Sense
Cable Transmission Interface
34
33
MDI_TP
MDI_TN
I/O
I/O
Transmit Output Pair:
Differential pair shared by 100Base-TX
and 10Base-T modes. When configured as 100Base-TX, output
is an MLT-3 encoded waveform. When configured as 10Base-T,
the output is Manchester code.
31
30
MDI_RP
MDI_RN
I/O
I/O
Receive Input Pair:
Differential pair shared by 100Base-TX and
10Base-T modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36