データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IP101ALF-DS-R11 データシート(PDF) 12 Page - List of Unclassifed Manufacturers

部品番号 IP101ALF-DS-R11
部品情報  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF-DS-R11 データシート(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button IP101ALF-DS-R11 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP101ALF-DS-R11 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP101ALF-DS-R11 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP101ALF-DS-R11 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP101ALF-DS-R11 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP101ALF-DS-R11 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP101ALF-DS-R11 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP101ALF-DS-R11 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP101ALF-DS-R11 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
IP101A LF
Data Sheet
12/36
Oct 22, 2007
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12
Pin Descriptions (continued)
Pin no.
Label
Type
Description
Power and Ground
32
REGOUT
P
Regulator Power Output:
This is a regulator power output for
IP101A LF digital circuitry.
36
AVDD33
P
3.3V Analog power input:
This is a 3.3V power supply for
analog circuitry, and it should be decoupled carefully.
29,35
AGND
P
Analog Ground:
These 2 pins should connect to motherboard’s
GND.
8
REGIN
P
Regulator Power Input:
This is a regulator power input from
Pin32. No external regulator needed.
14
DVDD33
P
3.3V Digital Power input:
This is a 3.3V power supply for digital
circuitry.
11,17,45
DGND
P
Digital Ground:
These 3 pins should connect to motherboard’s
GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36