データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IP178C-DS-R06 データシート(PDF) 24 Page - List of Unclassifed Manufacturers

部品番号 IP178C-DS-R06
部品情報  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R06 データシート(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R06 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
24/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
Pin description (continued)
Pin no.
Label
Type
Description
MII configuration pins
53
EXTMII_EN
IPL2
MII port enable
1: enable MII port,
0: disable MII port
This pin53 also determines the regulator output voltage. Please
see pin 52 REG_OUT for detail information.
104
MII_MAC
IPL2
/O
MII mode selection
It is latched as MII MAC/ PHY mode selection at the end of
reset. It should be pull high if pin 72 RMII_MII is pulled high.
1: MAC mode,
0: PHY mode
After reset, it is used as clock pin SCL of EEPROM
72
RMII_MII
IPL1
/O
MII RMII selection
It is latched as RMII_MII selection at the end of reset. It is valid
only if pin 53 EXTMII_EN is pulled high. Pin 104 MII_MAC
should be pull high RMII is enabled.
1: RMII,
0:MII
After reset, it is used as SPPED_LED1.
SMI
103, 102
MDC, MDIO
IPL2
,
IPH2
/O
SMI
The external MAC device uses the interface to access the
registers of IP178C/IP178CH. IP178C/IP178CH doesn’t access
the MII registers of external PHY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93