| データシートサーチシステム |
|
H7CX-ASD データシート(PDF) 15 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CX-ASD データシート(HTML) 15 Page - Omron Electronics LLC |
|
15 / 43 page ![]() Multifunction Preset Counter H7CX C-101 I Accessories (Order Separately) Note: All units are in millimeters unless otherwise indicated. 40 ±0.2 7.8 3 4.5 35.4 4 7.8 4 40 ±0.2 35.4 30 5 4.5 3 1.2 Track Mounting/Front Connecting Socket P2CF-11 Surface Mounting Holes Two, 4.5 dia. or two, M4 70 max. 50 max. 31.2 max. 70 max. 50 max. 31.2 max. Note: Track mounting is also possible. P2CF-11-E (Finger Safe Terminal Type) Conforming to VDE0106/P100 Eleven, M3.5 x 7.5 sems Two, 4.5-dia. holes Terminal Arrangement/ Internal Connections (Top View) Eleven, M3.5 x 7.5 sems Two, 4.5-dia. holes 45 45 25.6 4.5 16.3 6.2 34 47.7 x 47.7 48 x 48 47.4 16.5 24.6 27.6 Back Connecting Socket P3GA-11 27 dia. Twelve, 6.4-dia. holes Note: Finger protection can be ensured by using in combination with the Y92A-48G Terminal Cover. Finger Safe Terminal Cover Conforming to VDE0106/P100 Y92A-48G (Attachment for P3GA-11 Socket) Terminal Arrangement/ Internal Connections (Bottom View) |