データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADS8370IBRHPR データシート(PDF) 27 Page - Texas Instruments

部品番号 ADS8370IBRHPR
部品情報  16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8370IBRHPR データシート(HTML) 27 Page - Texas Instruments

Back Button ADS8370IBRHPR Datasheet HTML 23Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 24Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 25Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 26Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 27Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 28Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 29Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 30Page - Texas Instruments ADS8370IBRHPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
www.ti.com
APPLICATION INFORMATION (continued)
FS
SDO
D15
1
2
3
16
SCLK
D13
D14
D1
D2
D0
SAMPLE
CONVERT
BUSY
CONVERT
80 ns
DEVICE STATE
Frequency = 600 kHz
485 ns
50 ns
15 ns
15 ns
25 ns
12.5 ns
MSBn
CS = 0
CONVST
LSBn−1
LSBn
D0
15
ADS8370
SLAS450 – JUNE 2005
It is also possible to use the frame sync signal, FS. The following timing diagram shows how to achieve a
600-KSPS throughput using a modified serial interface with FS active.
Figure 57. Example Stimulus in Serial Interface With FS Active, Back-To-Back Conversion that Achieves
600 KSPS
27
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32