データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADB18PS データシート(PDF) 3 Page - STMicroelectronics

部品番号 ADB18PS
部品情報  AUTOPROTECTED DIODE BRIDGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADB18PS データシート(HTML) 3 Page - STMicroelectronics

  ADB18PS Datasheet HTML 1Page - STMicroelectronics ADB18PS Datasheet HTML 2Page - STMicroelectronics ADB18PS Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PACKAGE MECHANICAL DATA
PPAK-5L
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express
written approval of SGS-THOMSON Microelectronics.
© 1998 SGS-THOMSON Microelectronics - Printed in Italy - All rights reserved.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
REF.
DIMENSIONS
Millimeters
Inches
Min. Typ. Max
Min.
Typ.
Max.
A
2.20
2.40 0.0866
0.0945
A1
0.90
1.10 0.0354
0.0433
A2
0.03
0.23 0.0001
0.0009
B
0.4
0.90 0.0157
0.0236
B2
5.20
5.40 0.2047
0.2126
C
0.45
0.60 0.0177
0.0236
C2
0.48
0.60 0.0188
0.0236
D
6.00
6.20 0.2362
0.2441
E
6.40
6.60 0.2519
0.2598
G
4.9
5.25 0.1929
0.2067
G1
2.38
2.7
0.0937
0.1063
H
9.35
10.10 0.369
0.3977
L2
0.80 1.00
0.0314 0.0393
L4
0.60
1.00 0.0236
0.0393
R
0.2
0.0078
V2
0
°
8
°
0
°
8
°
Package
Type
Marking
PPAK-5L
ADB18PS
ADB18
MARKING
ORDER CODE
ADB
18
PS
RL
Reverse voltage
PPAK-5L
PACKAGING :
RL = tape & reel (base qty = 2500 pcs)
= tube (base qty = 75 pcs)
®
ADB18PS
3/3



Html Pages

1 2 3