データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STTH1R02 データシート(PDF) 7 Page - STMicroelectronics

部品番号 STTH1R02
部品情報  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R02 データシート(HTML) 7 Page - STMicroelectronics

Back Button STTH1R02_07 Datasheet HTML 2Page - STMicroelectronics STTH1R02_07 Datasheet HTML 3Page - STMicroelectronics STTH1R02_07 Datasheet HTML 4Page - STMicroelectronics STTH1R02_07 Datasheet HTML 5Page - STMicroelectronics STTH1R02_07 Datasheet HTML 6Page - STMicroelectronics STTH1R02_07 Datasheet HTML 7Page - STMicroelectronics STTH1R02_07 Datasheet HTML 8Page - STMicroelectronics STTH1R02_07 Datasheet HTML 9Page - STMicroelectronics STTH1R02_07 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
STTH1R02
Package information
7/10
Figure 17.
SMA footprint (dimensions in mm)
Table 7.
SMA dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.03
0.075
0.080
A2
0.05
0.20
0.002
0.008
b
1.25
1.65
0.049
0.065
c
0.15
0.41
0.006
0.016
E
4.80
5.60
0.189
0.220
E1
3.95
4.60
0.156
0.181
D
2.25
2.95
0.089
0.116
L
0.75
1.60
0.030
0.063
1.67
4.94
1.73
1.48
1.73



Html Pages

1 2 3 4 5 6 7 8 9 10