| データシートサーチシステム |
|
ACS1/085S データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ACS1/085S データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 8 page ![]() ACS108-5Sx 2/8 ® ABSOLUTE RATINGS (limiting values) Note 1: according to test described by IEC61000-4-5 standard & Figure 3. SWITCH GATE CHARACTERISTICS (maximum values) THERMAL RESISTANCES (*) : with 5 cm2 copper (e=35µm) surface under tab ELECTRICAL CHARACTERISTICS For either positive or negative polarity of pin OUT voltage respect to pin COM voltage excepted note 3 Symbol Parameter Value Unit VDRM/ VRRM Repetitive peak off-state voltage Tj = 125 °C 500 V IT(RMS) RMS on-state current full cycle sine wave 50 to 60 Hz TO-92 Tlead = 75 °C 0.8 A TO-92 Tamb = 60 °C 0.3 A SOT-223 Tamb = 75 °C 0.8 A ITMS Non repetitive surge peak on-state current Tj initial = 25°C, full cycle sine wave F = 50 Hz 7.3 A F = 60 Hz 8 A dI/dt Critical rate of repetitive rise of on-state current I G = 20mA with tr = 100ns F = 120 Hz 100 A/µs VPP Non repetitive line peak pulse voltage note 1 2 kV Tstg Storage temperature range - 40 to + 150 °C Tj Operating junction temperature range - 30 to + 125 °C Tl Maximum lead temperature for soldering during 10s 260 °C Symbol Parameter Value Unit PG(AV) Average gate power dissipation 0.1 W IGM Peak gate current (tp = 20 µs) 1 A VGM Peak positive gate voltage (respect to the pin COM) 5 V Symbol Parameter Value Unit Rth (j-a) Junction to ambient TO-92 150 °C/W SOT-223 (*) 60 °C/W Rth (j-l) Junction to lead for full AC line cycle conduction TO-92 60 °C/W Rth (j-t) Junction to tab for full AC line cycle conduction SOT-223 25 °C/W Symbol Test conditions Values Unit IGT VOUT = 12V RL = 140Ω Tj = 25°C MAX. 10 mA VGT VOUT = 12V RL = 140Ω Tj = 25°C MAX. 1 V VGD VOUT = VDRM RL = 3.3kΩ Tj = 125°C MIN. 0.15 V IH IOUT = 100mA gate open Tj = 25°C TYP. 25 mA MAX. 60 mA IL IG = 20mA Tj = 25°C TYP. 30 mA MAX. 65 mA VTM IOUT = 1.1A tp = 500 µs Tj = 25°C MAX. 1.3 V IDRM / IRRM VOUT = VDRM VOUT = VRRM Tj = 25°C MAX. 2 µA Tj = 125°C MAX. 200 µA dV/dt VOUT = 400V gate open Tj = 110°C MIN. 500 V/ µs (dI/dt)c (dV/dt)c = 10V/ µs Tj = 110°C MIN. 0.1 A/ms (dI/dt)c* (dV/dt)c = 15V/ µsIOUT < 0 (note 3) Tj = 110°C MIN. 0.3 A/ms VCL ICL = 1mA tp = 1ms Tj = 25°C TYP. 600 V |