データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STHDMI002A データシート(PDF) 21 Page - STMicroelectronics

部品番号 STHDMI002A
部品情報  Wide bandwidth, 2 to 1 HDMI switch with single enable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDMI002A データシート(HTML) 21 Page - STMicroelectronics

Back Button STHDMI002A Datasheet HTML 17Page - STMicroelectronics STHDMI002A Datasheet HTML 18Page - STMicroelectronics STHDMI002A Datasheet HTML 19Page - STMicroelectronics STHDMI002A Datasheet HTML 20Page - STMicroelectronics STHDMI002A Datasheet HTML 21Page - STMicroelectronics STHDMI002A Datasheet HTML 22Page - STMicroelectronics STHDMI002A Datasheet HTML 23Page - STMicroelectronics STHDMI002A Datasheet HTML 24Page - STMicroelectronics STHDMI002A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
STHDMI002A
Package mechanical data
21/26
10
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages.
These packages have a Lead-free second level interconnect . The category of second Level
Interconnect is marked on the package and on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26