| データシートサーチシステム |
|
TLV1112CDCYR データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TLV1112CDCYR データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 12 page ![]() MECHANICAL DATA MPDS094A – APRIL 2001 – REVISED JUNE 2002 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 DCY (R-PDSO-G4) PLASTIC SMALL-OUTLINE 4202506/B 06/2002 6,30 (0.248) 6,70 (0.264) 2,90 (0.114) 3,10 (0.122) 6,70 (0.264) 7,30 (0.287) 3,70 (0.146) 3,30 (0.130) 0,02 (0.0008) 0,10 (0.0040) 1,50 (0.059) 1,70 (0.067) 0,23 (0.009) 0,35 (0.014) 1 2 3 4 0,66 (0.026) 0,84 (0.033) 1,80 (0.071) MAX Seating Plane 0 °–10° Gauge Plane 0,75 (0.030) MIN 0,25 (0.010) 0,08 (0.003) 0,10 (0.004) M 2,30 (0.091) 4,60 (0.181) M 0,10 (0.004) NOTES: A. All linear dimensions are in millimeters (inches). B. This drawing is subject to change without notice. C. Body dimensions do not include mold flash or protrusion. D. Falls within JEDEC TO-261 Variation AA. |