| データシートサーチシステム |
|
ICS9DB202CGLF データシート(PDF) 12 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS9DB202CGLF データシート(HTML) 12 Page - Integrated Device Technology |
|
12 / 13 page ![]() IDT™ / ICS™ PCI EXPRESS JITTER ATTENUATOR 12 ICS9DB202CG REV B JULY 14, 2006 ICS9DB202 PCI EXPRESS JITTER ATTENUATOR T E E H S Y R O T S I H N O I S I V E R v e Re l b a Te g a Pe g n a h C f o n o i t p i r c s e De t a D BD 4 T4 V d e t s u j d a - e l b a T L S C H H O V d e d d a d n a V m 0 1 6 o t V m 0 8 6 m o r f n i m H O . x a m4 0 / 1 2 / 2 1 B 7 T 6 8 1 1 . m a r g a i D t i u c r i C t s e T C A d a o L t u p t u O L S C H d e t a d p U d e d d a - n o i t a m r o f n I n o i t a c il p p A d n a t u p n I d e s u n U r o f s n o i t a d n e m m o c e R . s n i P t u p t u O . e t o n e e r f - d a e l d e d d a - e l b a T n o i t a m r o f n I g n i r e d r O 6 0 / 8 / 3 BD 4 T4 V r o f s t i n u d e t c e r r o c - s c i t s i r e t c a r a h C C D L S C H H O V & L O . V m o t V m o r f6 0 / 6 2 / 5 B1 . e g n a R O C V d n a e g n a R y c n e u q e r F t u p n I d e d d a - n o i t c e S e r u t a e F 6 0 / 4 1 / 7 |