データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TUSB1310 データシート(PDF) 16 Page - Texas Instruments

部品番号 TUSB1310
部品情報  USB 3.0 Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1310 データシート(HTML) 16 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 12Page - Texas Instruments TUSB1310 Datasheet HTML 13Page - Texas Instruments TUSB1310 Datasheet HTML 14Page - Texas Instruments TUSB1310 Datasheet HTML 15Page - Texas Instruments TUSB1310 Datasheet HTML 16Page - Texas Instruments TUSB1310 Datasheet HTML 17Page - Texas Instruments TUSB1310 Datasheet HTML 18Page - Texas Instruments TUSB1310 Datasheet HTML 19Page - Texas Instruments TUSB1310 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
TUSB1310
SLLSE16E
– DECEMBER 2009 – REVISED MAY 2011
www.ti.com
Table 2-11. Power/Ground Signal Descriptions (continued)
SIGNAL NAME
TYPE
BALL NO.
DESCRIPTION
C12
K14
G13
VDDA1P1
P
Analog 1.1-V power supply
G14
D14
C11
B2
C3
D4
D7
D8
D9
E4
F4
VDD1P8
P
Digital IO 1.8-V power supply
G4
H4
L5
L4
M3
L7
L8
L9
A5
A10
B6
B10
E1
F2
K2
L1
VDD1P1
P
Digital 1.1-V power supply
N5
P4
N10
P10
K13
D13
C4
B14
B13
J13
H13
F13
E13
K12
L12
VSSA
G
G12
Analog ground
D12
N13
M12
M13
Oscillator ground
If using a crystal, this should not be connected to PCB ground plane.
VSSOSC
G
B12
See Chapter 5 for guidelines.
If using an oscillator, this should be connected to PCB ground.
F6
F7
F8
F9
G6
G7
G8
G9
VSS
G
J6
J7
Digital ground
H6
H7
H8
H9
J8
J9
B11
F12
16
PIN DESCRIPTIONS
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40