データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TUSB2036VF データシート(PDF) 5 Page - Texas Instruments

部品番号 TUSB2036VF
部品情報  TUSB2036 2- or 3-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2036VF データシート(HTML) 5 Page - Texas Instruments

  TUSB2036VF Datasheet HTML 1Page - Texas Instruments TUSB2036VF Datasheet HTML 2Page - Texas Instruments TUSB2036VF Datasheet HTML 3Page - Texas Instruments TUSB2036VF Datasheet HTML 4Page - Texas Instruments TUSB2036VF Datasheet HTML 5Page - Texas Instruments TUSB2036VF Datasheet HTML 6Page - Texas Instruments TUSB2036VF Datasheet HTML 7Page - Texas Instruments TUSB2036VF Datasheet HTML 8Page - Texas Instruments TUSB2036VF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
TUSB2036
www.ti.com
SLLS372I – MARCH 2000 – REVISED MARCH 2017
Product Folder Links: TUSB2036
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
(1)
If the hub is implemented to be bus-powered (via BUSPWR tying to GND):
(a) TUSB2036 reports to the host that the hub end-product downstream ports are power-switched (this is required by the USB 2.0
specification). Hub end-product vendor has to ensure the actual end-product implementation meets this specification requirement.
(b) Pin 21 acts as overcurrent protection (OCPROT) implementation indication pin for the bus-powered hub. The overcurrent protection
implementation is reported through the wHubCharacteristics. D4 bit in the hub descriptor.
(c) When OCPROT is low, the TUSB2036 reports to the host that the hub end-product provides overcurrent protection and the
wHubCharacteristics. D4 bit is set to 0.
(d) When OCPROT is high, the TUSB2036 reports to the host that the hub end-product does not provide overcurrent protection and the
wHubCharacteristics. D4 bit is set to 1.
(2)
If the hub is implemented to be self-powered (via BUSPWR tying to 3.3-V VCC):
(a) TUSB2036 reports to the host that the hub end-product provides overcurrent protection to the downstream ports (this is required by
the USB 2.0 specification). Hub end-product vendor has to ensure the actual end-product implementation meets this specification
requirement.
(b) Pin 21 acts as power switching (PWRSW) implementation indication pin for the self-powered hub. The power-switching
implementation is reported through the bPwrOn2PwrGood field in the hub descriptor.
(c) When PWRSW is low, the TUSB2036 reports to the host that the hub end-product has port power switching at the downstream ports
and the bPwrOn2PwrGood is set to 50 units (100 ms).
(d) When PWRSW is high, the TUSB2036 reports to the host that the hub end-product does not have port power switching at the
downstream ports and the bPwrOn2PwrGood is set to 0 units (0 ms).
OCPROT/
PWRSW
21
I
Overcurrent Protection for bus-powered hub (active low). /Power Switching for self-powered hub (active low). The
pin has a different meaning for the bus or self-powered hub. If the pin is logic high the internal pulldown is
disabled.(1) (2)
OVRCUR1
10
I
Overcurrent input. OVRCUR1
− OVRCUR3 are active low. For per-port overcurrent detection, one overcurrent
input is available for each of the three downstream ports. In the ganged mode, any OVRCUR input may be used
and all OVRCUR pins must be tied together. OVRCUR pins are active low inputs with noise filtering logic. Each
OVRCURn input is sampled every 2 ms and any input which is valid for two consecutive samples will be passed to
the internal logic. OVRCUR3 has an internal pull-up that can be enabled for the 2-port operation.
OVRCUR2
14
OVRCUR3
18
PWRON1
9
O
Power-on/-off control signals. PWRON1–PWRON3 are active low, push-pull outputs that enables the external
power switch device. Push-pull outputs eliminate the pullup resistors which open-drain outputs require. However,
the external power switches that connect to these pins must be able to operate with 3.3-V inputs because these
outputs cannot drive 5-V signals.
PWRON2
13
PWRON3
17
RESET
4
I
RESET is an active low TTL input with hysteresis and must be asserted at power up. When RESET is asserted,
all logic is initialized. Generally, a reset with a pulse width between 100 μs and 1 ms is recommended after 3.3-V
VCC reaches its 90%. Clock signal has to be active during the last 60 μs of the reset window.
SUSPND
32
O
Suspend status. SUSPND is an active high output available for external logic power-down operations. During the
suspend mode, SUSPND is high. SUSPND is low for normal operation.
MODE
31
I
Mode select. When MODE is low, the APLL output clock is selected as the clock source to drive the internal core
of the device and 6-MHz crystal or oscillator can be used. When MODE is high, the clock on XTAL1/CLK48 is
selected as the clock source and 48-MHz oscillator or other on-board clock source can be used.
NP3
24
I
Number of ports is 3. Active low input. A logic 0 configures the system to use 3 ports. A logic 1 configures the
system to use 2 ports.
NPINT0
22
I
Number of ports internal to hub system, which are permanently attached (see Table 1).
NPINT1
23
VCC
3, 25
I
3.3-V supply voltage
XTAL1/CLK48
30
I
Crystal 1/48-MHz clock input. When MODE is low, XTAL1/CLK48 is a 6-MHz crystal input with 50% duty cycle. An
internal APLL generates the 48-MHz and 12-MHz clocks used internally by the ASIC logic. When MODE is high,
XTAL1/CLK48 acts as the input of the 48-MHz clock and the internal APLL logic is bypassed.
XTAL2
29
O
Crystal 2. XTAL2 is a 6-MHz crystal output. This pin must be left open when using an oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com