| データシートサーチシステム |
|
TUSB8040PFP データシート(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB8040PFP データシート(HTML) 7 Page - Texas Instruments |
|
7 / 31 page ![]() VBUS Detect SuperSpeed Hub USB 2.0 Hub Oscilator XI VSSOSC XO Clock and Reset Distribution Control Registers Boundary Scan Power Distribution JTAG_TRSTn JTAG_TDI JTAG_TDO JTAG_TMS JTAG_TCK VDD33 VSS GRSTz I2C/ SMBUS SCL/SMBCLK SDA/SMDAT SMBUSz VDD11 GPIO Block PWRON0z_BATEN0 OVERCUR0z SS HS HS_SUSPEND SS_SUSPEND FULLPWRMGMTz_SMBA1 Not Recommended for New Designs TUSB8040 www.ti.com SLLSE42I – SEPTEMBER 2010 – REVISED SEPTEMBER 2013 1.3 Functional Block Diagram The TUSB8040PFP (QFP) is a reduced footprint hub that supports ganged power switching and over- current protection only. A ganged hub switches on power to all its downstream ports when power is required to be on for any port. The power to the downstream ports is not switched off unless all ports are in a state that allows power to be removed. Also when a ganged hub senses an over-current event, power to all downstream ports will be switched off. The TUSB8040PFP also provides customization using an I2C EEPROM or configuration via an SMBus host for vendor specific PID, VID, and strings. Ports can also be marked as disabled or permanently attached using an I2C EEPROM or an SMBus host. The Device Status and Command Register at F8h cannot be modified by the contents of the I2C EEPROM. Figure 1-2. TUSB8040PFP Functional Block Diagram Copyright © 2010–2013, Texas Instruments Incorporated PIN DESCRIPTIONS 7 Submit Documentation Feedback Product Folder Links: TUSB8040 |