| データシートサーチシステム |
|
CS6010010 データシート(PDF) 2 Page - Norgren Ltd |
|
|
|||||||||||||||||||||||||||||
CS6010010 データシート(HTML) 2 Page - Norgren Ltd |
|
2 / 20 page ![]() O/D I/D Product number Corporate Corporate tube tube Red Yellow Green Red Grey (mm) (mm) 15 m coil 25 m coil 100 m coil 15 m coil 25 m coil 100 m coil 15 m coil 25 m coil 100 m coil 25m coil 25m coil 4 2,5 PA0104015* PA0104025* PA0104100 PA0304015* PA0304025* PA0304100 PA0204015* PA0204025* PA0204100 PA0804025 PA0604025 5 3,0 PA0105015* PA0105025* PA0105100 PA0305015* PA0305025* PA0305100 PA0205015* PA0205025* PA0205100 - - 6 4,0 PA0106015* PA0106025* PA0106100 PA0306015* PA0306025* PA0306100 PA0206015* PA0206025* PA0206100 PA0806025 PA0606025 8 6,0 PA0108015* PA0108025* PA0108100 PA0308015* PA0308025* PA0308100 PA0208015* PA0208025* PA0208100 PA0808025 PA0608025 10 7,5 PA0110015* PA0110025* PA0110100 PA0310015* PA0310025* PA0310100 PA0210015* PA0210025* PA0210100 - - 12 9,0 PA0112015* PA0112025* PA0112100 PA0312015* PA0312025* PA0312100 PA0212015* PA0212025* PA0212100 - - 14† 11,0 – PA0114025 PA0114100 – PA0314025 PA0314100 – PA0214025 PA0214100 - - N/AL 9.12.001.02 05/99 Metric Tubing and Hose Our policy is one of continuous research and development. We therefore reserve the right to amend, without notice, the specifications given in this document. General Information – Metric Nylon Tubing To DIN Standards 73378 and 74324 Coils are supplied in polythene bags. Those coils marked * can also be supplied in boxes at nominal extra cost, add ‘C’ to end of product number. †Do not conform to above standards. 22 mm and 28 mm O/D tubing conforms to BS 5409 Part 1, Table 2. Other colours can be supplied for orders of sufficient quantity. This standard range of nylon tubing can be supplied in longer lengths to order, provided that a minimum economic production quantity is ordered. All of these coils are supplied in boxes or on drums. This standard range of polyurethane tubing can be supplied in longer lengths to order, provided that a minimum economic production quantity is ordered. O/D I/D Product number tube tube Natural Black Blue Brown (mm) (mm) 15 m coil 25 m coil 100 m coil 15 m coil 25 m coil 100 m coil 15 m coil 25 m coil 100 m coil 100 m coil 4 2,5 PA0004015* PA0004025* PA0004100 PA0704015* PA0704025* PA0704100 PA0504015* PA0504025* PA0504100 PA0404100 5 3,0 PA0005015* PA0005025* PA0005100 PA0705015* PA0705025* PA0705100 PA0505015* PA0505025* PA0505100 PA0405100 6 4,0 PA0006015* PA0006025* PA0006100 PA0706015* PA0706025* PA0706100 PA0506015* PA0506025* PA0506100 PA0406100 8 6,0 PA0008015* PA0008025* PA0008100 PA0708015* PA0708025* PA0708100 PA0508015* PA0508025* PA0508100 - 10 7,5 PA0010015* PA0010025* PA0010100 PA0710015* PA0710025* PA0710100 PA0510015* PA0510025* PA0510100 - 12 9,0 PA0012015* PA0012025* PA0012100 PA0712015* PA0712025* PA0712100 PA0512015* PA0512025* PA0512100 - 14† 11,0 PA0014015 PA0014025 PA0014100 – PA0714025 PA0714100 – PA0514025 PA0514100 - 16 12,0 PA0016015 PA0016025 – – – – – – – - 18 14 - PA0018025 – – – – – – – - 22† 17,0 PA0022015 PA0022025 – – – – – – – - 28† 22 PA0028015 PA0028025 – – – – – – – - O/D I/D Maximum working pressure (bar) Minimum bend radius (mm) tube (mm) tube (mm) at –40°C to +20°C 4 2,5 28 25 5 3,031 25 6 4,025 30 8 6 19 50 107,5 24 60 12 9,018 75 14 11,015 80 16 12,018 95 22 17,015 125 28 22,015 160 Working temperature °C Factor –40°C to +20°C 1,00 +30°C 0,83 +40°C 0,75 +50°C 0,64 +60°C 0,57 +80°C 0,47 Polyurethane Tubing O/D I/D Product number tube tube Natural Black Blue Red Yellow Green (mm) (mm) 25 m coil 100 m coil 25 m coil 100 m coil 25 m coil 100 m coil 25 m coil 100 m coil 25 m coil 100 m coil 4 2,5 PU0004025C PU0004100C PU0704025C PU0704100C PU0504025C PU0504100C PU0104025C PU0104100C PU0304025C PU0304100C 5 3,0 PU0005025C PU0005100C PU0705025C PU0705100C PU0505025C PU0505100C PU0105025C PU0105100C PU0305025C PU0305100C 6 4,0 PU0006025C PU0006100C PU0706025C PU0706100C PU0506025C PU0506100C PU0106025C PU0106100C PU0306025C PU0306100C PU0206100C 8 5,5 PU0008025C PU0008100D PU0708025C PU0708100D PU0508025C PU0508100D PU0108025C PU0108100D PU0308025C PU0308100D PU0208100D 10 7,0 PU0010025C PU0010100D PU0710025C PU0710100D PU0510025C PU0510100D PU0110025C PU0110100D PU0310025C PU0310100D PU0210100D 12 8,0 PU0012025C PU0012100D PU0712025C PU0712100D PU0512025C PU0512100D PU0112025C PU0112100D PU0312025C PU0312100D PU0212100D To calculate working pressures at various temperatures, multiply working pressure at –40°C to +20°C by factor given in table. Maximum continuous working temperature +80°C. Maximum working pressures Working pressure/temperature conversion factors O/D I/D Maximum Bend Natural tube tube working radius 25m coil (mm) (mm) Pressure (bar) (mm) at 20°C 8 6 10 30 PS0008025 10 8 8 40 PS0010025 12 10 6 60 PS0012025 15 12.5 6 110 PS0015025 Extraflexible Nylon Tubing Working temperature °C Factor –40°C to +20°C 1,00 +30°C 0,83 +40°C 0,75 +50°C 0,64 +60°C 0,57 To calculate working pressures at various temperatures, multiply working pressure at –40°C to +20°C by factor given in table. Maximum continuous working temperature +60°C. Working pressure/temperature conversion factors |