データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EUP3595 データシート(PDF) 8 Page - Eutech Microelectronics Inc

部品番号 EUP3595
部品情報  Parallel White-LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EUTECH [Eutech Microelectronics Inc]
ホームページ  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP3595 データシート(HTML) 8 Page - Eutech Microelectronics Inc

Back Button EUP3595 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP3595 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP3595 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP3595 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP3595 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP3595 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP3595 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP3595 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP3595 Datasheet HTML 10Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
EUP3595
DS3595 Ver1.0 Feb. 2007
8
()
JA
A
JMax
DMax
/
T
T
P
θ
=
()
(
)
LEDX
LEDX
IN
IN
DISS
I
V
N
I
V
P
×
×
=
Power Dissipation
The maximum allowable power dissipation that this
package is capable of handling can be determined as
follows:
Where T is the maximum junction temperature, T is the
ambient temperature, and θJA is the junction
-to-ambient thermal resistance of the specified package.
The EUP3595 come in the TDFN-8 package that has a
junction-to-ambient thermal resistance (θJA)equal to
50℃/W.This value of θJA is highly dependant upon
the layout of the PC board. The actual power dissipated
by the EUP3595 follows the equation:
Where N equals the number of active outputs, VLEDX is
the LEDX LED forward voltage, and ILEDX is the current
supplied to the LEDX diode by the EUP3595. Power
dissipation must be less than that allowed by the
package. Please refer to the Absolute Maximum Rating
of the EUP3595.
Input Capacitor Selection
The EUP3595 is designed to run off of a fixed input
voltage. Depending on the stability and condition of
this voltage rail, it may be necessary to add a small
input capacitor to help filter out any noise that may be
present on the line. In the event that filtering is needed,
surface mount multi-layer ceramic capacitors are
recommended. These capacitors are small and
inexpensive. A capacitance of 0.1µF is typically
sufficient.



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com