データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EUP7961 データシート(PDF) 4 Page - Eutech Microelectronics Inc

部品番号 EUP7961
部品情報  1A Ultra Low-Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EUTECH [Eutech Microelectronics Inc]
ホームページ  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7961 データシート(HTML) 4 Page - Eutech Microelectronics Inc

  EUP7961 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7961 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7961 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7961 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7961 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7961 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7961 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7961 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7961 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
EUP7961
DS7961 Ver 1.2 Dec. 2006
4
Absolute Maximum Ratings
Supply Voltage VIN ----------------------------------------------------------------------
5.5V
Package Thermal Resistance
SOT-223, θJA ---------------------------------------------------------------------- 115°C /W
SOP-8, θJA ------------------------------------------------------------------------- 125°C /W
Power Dissipation, PD@TA=25°C
SOT-223 ------------------------------------------------------------------------------ 0.87W
SOP-8 --------------------------------------------------------------------------------- 0.8W
Junction Temperature ------------------------------------------------------------------- 150°C
Storage Temperature
------------------------------------------------------ -65°C to +150°C
Lead Temp ------------------------------------------------------------------------------
260°C
ESD Rating
Human Body Model ----------------------------------------------------------------------
2kV
Operating Ratings
Supply Voltage VIN ---------------------------------------------------------------- 2.5 to 5.5V
Enable Input Voltage -------------------------------------------------------------- 0V to 5.5V
Junction Temperature ------------------------------------------------------ -40°C to +125°C
Electrical Characteristics
Limits in standard typeface are for TJ =25°C. Unless otherwise specified: VIN= VOUT(nom) +1V, IL=10mA,COUT=4.7µF
EUP7961
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
Output Voltage Tolerance
VOUT+1V ≤ VIN ≤ 5.5V
10mA ≤ IL ≤ 1A
-1.8
1.8
%
Line Regulation
VOUT+1V ≤ VIN ≤ 5.5V
0.1
0.24
%
Δ
VOUT
Load Regulation
10mA ≤ IL ≤ 1A
0.08
0.32
%
IL = 100mA
35
50
VIN -VOUT Dropout Voltage
IL = 1A
300
500
mV
IL = 10mA
300
Ground Pin Current in
Normal Operation Mode
IL = 1A
500
µA
VEN ≤ 0.3V
0.01
10
IGND
Ground Pin Current in
Shutdown Mode
µA
IO(PK)
Peak Output Current
VO ≥ VO(NOM) -4%
1.5
A
Short Circuit Protection
ISC
Short Circuit Current
1.7
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com