| データシートサーチシステム |
|
2SD315AI データシート(PDF) 10 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
2SD315AI データシート(HTML) 10 Page - Power Integrations, Inc. |
|
10 / 15 page ![]() SCALE Driver 2SD315AI Data Sheet Page 10 INTELLIGENT POWER ELECTRONICS Collector sense and dimensioning of Rth The 2SD315AI dual driver has a collector-sense circuit to protect the power semicon- ductors. It is shown in Fig. 4 Its basic operating mode can be obtained from the brochure entitled: “Description and Application Manual for Scale Drivers”. To correspond more effectively to the turn-on characteristic of the IGBTs, the SCALE drivers do not use a static reference voltage to compare the voltage at the collector. Instead, the reference is used as shown in Fig. 5. In order to ensure that the 2SD315AI can be applied as universally as possible, the components Ca (response time capacitor) and Rm (attenuation resistor) are not integrated in the driver as shown in Fig. 4, but must be connected externally. Whereas Ca can be matched to the specific application, a standard value of 180Ω is recommended for Rm. The ground terminal of Ca should be connected to the COMx pin. R 1 C C R G E R R D ( S 1 1 O M + + C Fig. 4 Collector-sense circuit principle |