| データシートサーチシステム |
|
PFS7528H データシート(PDF) 1 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
PFS7528H データシート(HTML) 1 Page - Power Integrations, Inc. |
|
1 / 37 page ![]() PFS7523-7529/7533-7539 HiperPFS-3 Family www.power.com April 2025 PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode Optimized for High PF and Efficiency Across Load Range Key Benefits • High efficiency and power factor across load range • >95% efficiency from 10% load to full load • <60 mW no-load consumption at 230 VAC • PF >0.92 easily achievable at 20% load • EN61000-3-2 Class C and D compliant • Highly integrated for smallest boost PFC form factor • Integrated controller, MOSFET and ultra-low reverse recovery loss diode (Qspeed) • Packaging optimized for high volume production • Eliminates insulating pad/heat-spreader • Enhanced features • Programmable Power Good (PG) signal • User selectable power limit: Enables different HiperPFS-3 family members to be tested in the same design for optimum device selection • Integrated non-linear amplifier for fast output OV and UV protection and transient response • Digital line peak detection that provides robust performance even with distorted input voltage from UPS or generators • Digital power factor enhancer compensates for EMI filter and bridge distortion, providing high-line PF >0.92 @ 20% load • Frequency adjusted over line voltage and each line cycle • Spread-spectrum across >60 kHz window simplifies EMI filtering requirements • Lower boost inductance • Provides up to 450 W peak output power for universal applications, 1 kW for high-line only applications • Protection features include: UVLO, UV, OV, OTP, brown-in/out, cycle-by-cycle current limit and power limiting for overload protection • Halogen free and RoHS compliant Applications • E-bike and EV 2-Wheeler • 80 Plus™ Platinum chargers designs • Power tool chargers • High-power adaptors • PC • High-power LED lighting • Printer • Industrial and appliance • LCD TV • Generic PFC converter • Video game consoles Figure 1. Typical Application Schematic. Output Power Table Universal Input Devices Product Maximum Continuous Output Power Rating at 90 VAC (Full Power Mode) Peak Output Power (Full Power Mode) PFS7523L/H 110 W 120 W PFS7524L/H 130 W 150 W PFS7525L/H 185 W 205 W PFS7526H 230 W 260 W PFS7527H 290 W 320 W PFS7528H 350 W 385 W PFS7529H 405 W 450 W High-Line Only Input Devices Product Maximum Continuous Output Power Rating at 180 VAC (Full Power Mode) Peak Output Power (Full Power Mode) PFS7533H 255 W 280 W PFS7534H 315 W 350 W PFS7535H 435 W 480 W PFS7536H 550 W 610 W PFS7537H 675 W 750 W PFS7538H 810 W 900 W PFS7539L/H 900 W 1000 W Table 1. Output Power Table (See Table 2 on page 11 for Maximum Continuous Output Power Ratings.) This Product is Covered by Patents and/or Pending Patent Applications. PI-7224-061615 AC IN DC OUT + S C PGT FB VCC PG K D REF G V CONTROL HiperPFS-3 VCC Figure 2. Package Options. eSIP-16D (H Package) eSIP-16G (L Package) |
同様の部品番号 - PFS7528H |
|
同様の説明 - PFS7528H |