| データシートサーチシステム |
|
AIO-CSJIN5/4 データシート(PDF) 44 Page - Amphenol Industrial Products Group. |
|
|
|||||||||||||||||||||||||||||
AIO-CSJIN5/4 データシート(HTML) 44 Page - Amphenol Industrial Products Group. |
|
44 / 53 page ![]() 42 Application Tools “SE” The following data includes information pertaining to the application tools for crimping, inserting and removing size 20, 16, and 12 contacts incorporated in Amphenol® Miniature Cylindrical Connectors. All crimping tools included are the “full cycling” type, and when used as specified by the manufacturer, provide reliable crimped wire to contact termination. Tool frames and turret heads are available from approved tool manufacturers; consult Amphenol, Sidney, NY for listings. Assembly instructions are available online at www.amphenol-industrial.com See the following: L-786 for SE assembly instructions L-555 for solder type instructions CRIMPING TOOLS FOR PT-SE, SP-SE, MS/PT-SE (MIL-DTL-26482, Series 1) Connectors Contact Size MS Tool Part Number Tool Frame Turret Head 20 M22520/1-01 M22520/1-02 16 M22520/1-01 M22520/1-02 12 M22520/1-01 M22520/1-02 INSERTION/REMOVAL TOOLS FOR PT-SE, SP-SE, MS/PT-SE (MIL-DTL-26482, Series 1) Connectors Contact Size Insertion Tool Removal Tool Amphenol® Contact Insertion Pliers Amphenol® Contact Insertion Tool MS Part Number Contact Insertion Tool Amphenol® Contact Removal Tool MS Part Number Contact Removal Tool 20 11-8107-20 11-7401-20 M81969/17-03 11-7880-20 M81969/19-07 16 11-8107-16 11-7401-16 M81969/17-04 11-7880-16 M81969/19-08 12 – – M81969/17-05 – M81969/19-09 |