| データシートサーチシステム |
|
AIO-CSJIN1/2 データシート(PDF) 29 Page - Amphenol Industrial Products Group. |
|
|
|||||||||||||||||||||||||||||
AIO-CSJIN1/2 データシート(HTML) 29 Page - Amphenol Industrial Products Group. |
|
29 / 53 page ![]() 27 PT-SE. SP-SE, MS/PT-SE Contact Specifications Contact Size Test Current Maximum Millivolt Drop† Crimp Well Diameter Minimum Well Depth 20 7.5 55 .049 ±.001 .267 16 13.0 49 .067 ±.001 .236 12 23.0 42 .100 ±.002 .236 Service Rating Service Rating Recommended Operating AC Voltage at Sea Level Test Voltage AC (RMS), 60 cps Sea Level 50,000 ft. 70,000 ft. 110,000 ft. I 600 1,500 500 375 200 II 1,000 2,300 750 500 200 † Silver plated wire per MIL-DTL-26482 PT-SE and SP-SE Service Classes PT-SE and SP-SE connectors are available in the three service classes listed below. “SE” Open wire sealing - environmental resistant, with a nut and grommet for moisture proofing individual wires “SE” (SR)Strain relief clamp - environmental resistant strain relief clamp and grommet for moisture proofing individual wires; provides added wire bundle support “SP” Translucent nylon boot for retaining customer applied potting compounds; held in place by a threaded ring MS/PT-SE Service Classes MS-SE series connectors are available in the following certified service classes: “E” Open wire sealing - environmental resisting connectors are supplied with a multi-hole grommet and clamping nut for moisture proofing individual open wires “F” Environmental resistant strain relief clamp and grommet for moisture proofing individual wires; provides added wire bundle support “P” Potting applications - these connectors are supplied with a translucent nylon boot for re- tention of customer applied potting com- pound “SE”, MS / “E” open wire seal “SE” (SR), MS / “F” strain relief clamp “SP”, MS / “P” potting boot |