| データシートサーチシステム |
|
CSD86336Q3DT データシート(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CSD86336Q3DT データシート(HTML) 21 Page - Texas Instruments |
|
21 / 29 page ![]() 0.07 MIN ALL AROUND 0.07 MAX ALL AROUND SOLDER MASK OPENING SOLDER MASK METAL UNDER SOLDER MASK DEFINED PADS 1 & 2 (OPTIONAL FOR OTHERS) METAL SOLDER MASK OPENING NON SOLDER MASK DEFINED PREFERRED FOR PADS 3-9 (1.8) 6X (0.65) (3.05) 2X (0.34) 2X (0.65) (2.7) (R0.05) TYP ( 0.2) VIA TYP (0.22) 4X (0.2) 2X (1.18) 6X (0.65) 6X (0.34) 4X (0.5) 2X (1.1) 2X (0.65) PKG 1 4 5 8 PKG 9 3 METAL UNDER SOLDER MASK SOLDER MASK OPENING 21 CSD86336Q3D www.ti.com SLPS666 – MARCH 2018 Product Folder Links: CSD86336Q3D Submit Documentation Feedback Copyright © 2018, Texas Instruments Incorporated 9.3 Land Pattern Recommendation 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This package is designed to be soldered to a thermal pad on the board. For more information, see QFN/SON PCB Attachment (SLUA271). 3. Vias are optional depending on application, refer to device data sheet. If some or all are implemented, recommended via locations are shown. |