データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD87331Q3DT データシート(PDF) 9 Page - Texas Instruments

部品番号 CSD87331Q3DT
部品情報  CSD87331Q3D Synchronous Buck NexFET™ Power Block
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87331Q3DT データシート(HTML) 9 Page - Texas Instruments

Back Button CSD87331Q3DT Datasheet HTML 5Page - Texas Instruments CSD87331Q3DT Datasheet HTML 6Page - Texas Instruments CSD87331Q3DT Datasheet HTML 7Page - Texas Instruments CSD87331Q3DT Datasheet HTML 8Page - Texas Instruments CSD87331Q3DT Datasheet HTML 9Page - Texas Instruments CSD87331Q3DT Datasheet HTML 10Page - Texas Instruments CSD87331Q3DT Datasheet HTML 11Page - Texas Instruments CSD87331Q3DT Datasheet HTML 12Page - Texas Instruments CSD87331Q3DT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
1
10
100
0.01
0.1
1
10
t(AV) - Time in Avalanche - ms
TC = 25°C
TC = 125°C
1
10
100
0.01
0.1
1
10
t(AV) - Time in Avalanche - ms
TC = 25°C
TC = 125°C
0.0001
0.001
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
VSD − Source-to-Drain Voltage - V
TC = 25°C
TC = 125°C
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VSD − Source-to-Drain Voltage - V
TC = 25°C
TC = 125°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
−75
−25
25
75
125
175
TC - Case Temperature - ºC
ID = 8A
VGS = 8V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
−75
−25
25
75
125
175
TC - Case Temperature - ºC
ID = 8A
VGS = 8V
9
CSD87331Q3D
www.ti.com
SLPS283B – SEPTEMBER 2011 – REVISED FEBRUARY 2017
Product Folder Links: CSD87331Q3D
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
Typical Power Block MOSFET Characteristics (continued)
TA = 25°C, unless stated otherwise.
Figure 22. Control MOSFET Normalized RDS(on)
Figure 23. Sync MOSFET Normalized RDS(on)
Figure 24. Control MOSFET Body Diode
Figure 25. Sync MOSFET Body Diode
Figure 26. Control MOSFET Unclamped Inductive Switching
Figure 27. Sync MOSFET Unclamped Inductive Switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com