| データシートサーチシステム |
|
INLC10AQ-R4.5 データシート(PDF) 13 Page - inova Semiconductors |
|
|
|||||||||||||||||||||||||||||
INLC10AQ-R4.5 データシート(HTML) 13 Page - inova Semiconductors |
|
13 / 35 page ![]() Datasheet DS_INLC10AQ Revision 1.0_B Inova Semiconductors Confidential Page 13 of 35 4.1.1 Automatic Detection of The Serial Line Mode During start-up, the devices automatically detect the mode of the upstream and the downstream link. The upstream link may be either single-ended or differential. If a device detects the upstream to be single-ended, it is the first in the chain of LEDs. The downstream link may be either differential or unconnected, i.e. the device is the last in the chain of LEDs. After power-up, an idle of tINIT Idle = 150 μs is recommended before the initialization. If during the initialization, while receiving the enumeration command, the master SIO_N pin is single ended high (5V), the device is switched into single ended communication mode for this port. The detected mode is stored and used for all following communications until a power cycle or a reset command. Figure 8 - Single ended startup (first device in chain) Figure 9 - Differential startup (devices in chain >1) Parameter Description Min. Units tINIT Idle Init idle after power up 150 μs Table 12 – Recommended init idle |