| データシートサーチシステム |
|
ISO7340CDW.B データシート(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO7340CDW.B データシート(HTML) 21 Page - Texas Instruments |
|
21 / 38 page ![]() INx 5 A m 500 W Input (Devices Without Suffix F) Output VCCI VCCI ENx 500 W Enable VCCO VCCO VCCO VCCI 5 A m OUTx VCCO 40 W INx 5 A m 500 W Input (Devices With Suffix F) VCCI VCCI VCCI VCCI VCCO 21 ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC www.ti.com SLLSEI6G – SEPTEMBER 2014 – REVISED JANUARY 2017 Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC Submit Documentation Feedback Copyright © 2014–2017, Texas Instruments Incorporated (1) VCCI = Input-side VCC; VCCO = Output-side VCC; PU = Powered up (VCC ≥ 3 V); PD = Powered down (VCC ≤ 2.1 V); X = Irrelevant; H = High level; L = Low level ; Z = High Impedance (2) In fail-safe condition, output defaults to high level (3) In fail-safe condition, output defaults to low level 9.4 Device Functional Modes Table 1 lists the functional modes for the ISO734x family of devices. Table 1. Function Table(1) VCCI VCCO INPUT (INx) OUTPUT ENABLE (ENx) OUTPUT (OUTx) ISO734xC ISO734xFC PU PU H H or Open H H L H or Open L L X L Z Z Open H or Open H(2) L(3) PD PU X H or Open H(2) L(3) X PU X L Z Z X PD X X Undetermined Undetermined 9.4.1 Device I/O Schematics Figure 19. Device I/O Schematics |