| データシートサーチシステム |
|
E39-R3 データシート(PDF) 53 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R3 データシート(HTML) 53 Page - Omron Electronics LLC |
|
53 / 64 page ![]() E3X E3X 10 Liquid Level Fiber Units E32-D82F1/E32-D82F2 (Liquid Contact Model) E32-L25T (Pipe Mounting Model) 6 dia. sensing head (Teflon) 9 dia. fiber connector (nickel-plate brass) Two, 2.2 dia. optical fiber (see note 2) To Amplifier Bending-prohibited length: 150 (350) (see note 1) Two, 3.2 dia. lens (PC) Optical axis Two, 1 dia. optical fiber Two, fiber attachment Mounting hole Sensing head (PC) Note: 1. The value in the parentheses is for the E32-D82F2. 2. Since the 2-m optical fiber on the Amplifier side is made of plastic, the fiber is trimmable. 2,000 (standard length) 53 |