| データシートサーチシステム |
|
LM2831XMFX/NOPB データシート(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM2831XMFX/NOPB データシート(HTML) 21 Page - Texas Instruments |
|
21 / 39 page ![]() GND FB EN VIN SW VIN = 5V C1 R3 D1 L1 LM2831 R2 R1 C2 VO = 3.3V @ 1.5A LM2831 www.ti.com SNVS422D – AUGUST 2006 – REVISED SEPTEMBER 2015 8.2.6 LM2831Z Design Example 6 Figure 28. LM2831Z (3 MHz): VIN = 5 V, VO = 3.3 V at 1.5 A Table 6. Bill of Materials PART ID PART VALUE MANUFACTURER PART NUMBER U1 1.5-A Buck Regulator TI LM2831Z C1, Input Cap 22 µF, 6.3 V, X5R TDK C3216X5ROJ226M C2, Output Cap 2x22 µF, 6.3 V, X5R TDK C3216X5ROJ226M D1, Catch Diode 0.3 Vf Schottky 1.5 A, 30 VR TOSHIBA CRS08 L1 1.6 µH 2.0 A TDK VLCF4018T-1R6N1R7-2 R2 10.0 k Ω, 1% Vishay CRCW08051002F R1 45.3 k Ω, 1% Vishay CRCW08054532F R3 100 k Ω, 1% Vishay CRCW08051003F Copyright © 2006–2015, Texas Instruments Incorporated Submit Documentation Feedback 21 Product Folder Links: LM2831 |