| データシートサーチシステム |
|
PXPPVC08RAM05BCL150PVC データシート(PDF) 9 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC08RAM05BCL150PVC データシート(HTML) 9 Page - Bulgin Limited. All rights reserved. |
|
9 / 9 page ![]() Electrical: Mechanical: No. Poles 3 4 5 Locking mechanism Screw coupling Current Rating 3A 3A 1.5A Sealing IP67 Voltage Rating (ac/dc) 60V 30V 30V Contact Accomodation: Contact Resistance <10mΩ 3, 4 & 5 Pole 28AWG-22AWG Insulation Resistance >100MΩ Cable Acceptance 3.0 - 3.5 mm Dia AC Breakdown Voltage Terminations: 3 Pole 1.5KV 3 Pole Single wire / PCB / Cable 4 Pole 0.8KV Screw / Solder 5 Pole 0.8KV 4 Pole Single wire / PCB / Cable Operating Temp Range -25°C to 80°C Screw / Solder 5 Pole Single wire / PCB / Cable Solder Mechanical Operation 500 mating cycles Diameter over coupling ring 12.5mm Materials: Cable Connectors Flex & Inline Connectors Body TPU / PVC Nickel Plated Brass / PA66 Coupling Nut Nickel Plated Brass Nickel Plated Brass Colour Black Black or Grey Pin Contacts Brass, Gold plating Brass, Gold plating Socket Contacts Phosphor Bronze, Gold plating Phosphor Bronze, Gold plating O Rings & Gaskets Viton Viton Viton RoHS Compliant Compliant BUCCANEER M8 Series Panel Mount Nickel Plated Brass Nickel Plated Brass Grey Brass, Gold plating Compliant Phosphor Bronze, Gold plating MX XXX XX XX X XX X XX XXX XXX Series Material Series Size Body Style Orientation No. Contacts Code Termination Lead Length Cable Material PXM BNI = Brass Nickel 08 FB = Flex Body M 03 A ST = Screw Terminal 001 PUR PXP PAM = Polyamide FI = Flex Inline Body F 04 B PC = PCB 002 PVC TPU = overmold for PUR FP = Front Panel Mounting 05 FL = Flying Lead 003 PVC = overmold for PVC RP = Rear Panel Mounting CL = Cable 010 RA = Right Angle SC = Solder 020 030 050 100 150 M8 Buccaneer 8 |