| データシートサーチシステム |
|
PXPPVC12RAM05ACL030PVC データシート(PDF) 5 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC12RAM05ACL030PVC データシート(HTML) 5 Page - Bulgin Limited. All rights reserved. |
|
5 / 16 page ![]() BUCCANEER M12 Series Part Number Poles Code Termination PXPPAM12FBF03ASTPG9 03 A Screw Terminal PXPPAM12FBF04ASTPG9 04 A Screw Terminal PXPPAM12FBF05ASTPG9 05 A Screw Terminal PXPPAM12FBF08ASTPG9 08 A Screw Terminal M12 Right Angled Male Part Number Poles Code Termination PXPPAM12RAM03ASTPG9 03 A Screw Terminal PXPPAM12RAM04ASTPG9 04 A Screw Terminal PXPPAM12RAM05ASTPG9 05 A Screw Terminal PXPPAM12RAM08ASTPG9 08 A Screw Terminal M12 Right Angled Female Part Number Poles Code Termination PXPPAM12RAF03ASTPG9 03 A Screw Terminal PXPPAM12RAF04ASTPG9 04 A Screw Terminal PXPPAM12RAF05ASTPG9 05 A Screw Terminal PXPPAM12RAF08ASTPG9 08 A Screw Terminal ○ Mates with Flex Inline Body and panel mount connectors M12 Flex Body Female ○ 3, 4, 5 and 8 poles ○ Screw termination ○ Plastic Flex Body PXPPAM12FBF PXPPAM12RAM ○ 3, 4, 5 and 8 poles ○ Screw termination ○ Plastic Flex Body PXPPAM12RAF ○ Screw termination ○ Plastic Flex Inline Body ○ Mates with Flex Body and panel mount connectors ○ Mates with Flex Inline Body and panel mount connectors ○ 3, 4, 5 and 8 poles M12 Buccaneer 3 |